Part Number Hot Search : 
LQ11S44T IRS20957 MX7538BQ A8283SB KIC9459N 10200 103LF SA40A
Product Description
Full Text Search
 

To Download SRS1020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SRS1020 THRU SRS1060
10.0 AMPS. Schottky Barrier Rectifiers
Voltage Range 20 to 60 Volts Current 10.0 Amperes
Features
For surface mounted application Low forward voltage drop High current capability High reliability High surge current capability
D2PAK
Mechanical Data
Cases: D2PAK molded plastic Epoxy: UL 94V-O rate flame retardant Terminals: Leads solderable per MILSTD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: 260OC/10 seconds at terminals Weight: 1.70grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SRS SRS SRS Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @5.0A Maximum D.C. Reverse Current @ Tc=25 at Rated DC Blocking Voltage @ Tc=100 Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 2)
VRRM VRMS VDC I(AV) IFSM VF IR
1020 20 14 20
1030 30 21 30
1040 40 28 40 10.0 175
SRS 1050 50 35 50
SRS 1060 60 42 60
Units
V V V A A
0.55 0.5 50 2.0 400
0.70
V mA mA /W pF
RJC Cj Operating Junction Temperature Range TJ -65 to +125 -65 to +150 Storage Temperature Range TSTG -65 to +150 Notes: 1. Thermal Resistance from Junction to Case Per Leg 2. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.
- 144 -
RATINGS AND CHARACTERISTIC CURVES (SRS1020 THRU SRS1060)
FIG.1- FORWARD CURRENT DERATING CURVE
12.5 300
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
PEAK FORWARD SURGE CURRENT. (A)
250 200 150 100
AVERAGE FORWARD CURRENT. (A)
10
SR S10
7.5
50-
SR S10 20-
106 0
5
104 0
2.5
50 0
0 0 50 100 o CASE TEMPERATURE. ( C) 150
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
10
FIG.3- TYPICAL REVERSE CHARACTERISTICS PER LEG
50
FIG.4- TYPICAL FORWARD CHARACTERISTICS PER LEG
INSTANTANEOUS REVERSE CURRENT. (mA)
INSTANTANEOUS FORWARD CURRENT. (A)
Tj=100 0C
1.0 Tj=75 0C
10
SR
0 S1
20
-1
04
0
-1 06 0
SR
0 S1
50
.10
Tj=25 0C
1.0
.01
.001
0
20
40
60
80
100
120
140
0.1
.2
.3
.4
.5
.6
.7
.8
.9
1.0
1.1
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
INSTANTANEOUS FORWARD VOLTAGE. (V)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
4000 Tj=25 0C f=1.0MHz Vsig=50mVp-p
2000
JUNCTION CAPACITANCE.(pF)
1000 800 600 400
200
100
.1
.4
1.0
4
10
40
80 100
REVERSE VOLTAGE. (V)
- 145 -


▲Up To Search▲   

 
Price & Availability of SRS1020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X